Part Number Hot Search : 
MAX4555E TLP192G TDA5146T CPC1779 2N1131J 1F10S BA7612 B1205
Product Description
Full Text Search
 

To Download D4SB80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D4SB10 ~ D4SB100
Elektronische Bauelemente 100 V ~ 1000 V 6.0 Amp High Current Glass Passivated Molding Single-Phase Bridge Rectifier
RoHS Compliant Product A suffix of "-C" specifies halogen-free and RoHS Compliant D3-4SB
FEATURES

Plastic Package has Underwriters Laboratory Flammability Classification 94V-0 This Series is UL listed under the Recognized Component index, file number E231047 Single-in-line package High current capacity with small package Superior thermal conductivity High temperature soldering guaranted 260C / 10 seconds High IFSM
C R N F Q P LLL
REF. A B C D E G J F Millimeter Min. Max. 24.7 25.3 14.7 15.3 4.58 4.62 17.0 18.0 0.50 0.90 4.50 REF. 3.50 3.90 9.3 9.7 REF. K L N P Q R S H
A B G
J
S
H
K D E
MAXIMUM RATINGS (TA=25 unless otherwise noted)
PARAMETERS
Maximum repetitive voltage Maximum DC reverse current at @TA=25C rated DC blocking voltage @TA=125C Average rectified forward @TC=100C current 60Hz Sine wave @TA=25C Resistance load Peak Forward Surge Current 10ms single half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage @ 3.0A Dielectric strength terminals to case, AC 1 minute Current 1mA Maximum thermal on P.C.B without heat-sink Resistance per leg on AI plate heat-sink Operating and Storage Temperature Range
Millimeter Min. Max. 2.50 2.90 7.30 7.70 3 X 45 0.90 1.10 1.50 REF. 3.00 3.40 0.8 1.2 3.0 4.0
PART NUMBERS SYMBOL
VRM IR D4SB 10 100 D4SB 20 200 D4SB D4SB 40 60 400 600 10 500 6 (1) 2.8 (2) 150 1.1 2.5 22 (2) 3.4 (1) 150 , -40 ~ 150 D4SB 80 800 D4SB 100 1000
UNITS
V
A
A
IO
IFSM VF Vdia RJA RJC TJ , TSTG
A V
KV
C / W C
Notes (1) Unit case mounted on AI plate heat-sink (2) Unites mounted on P.C.B. without heat-sink (3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw {heat-sink size6.5 * 4.0 * 0.3cm}
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
05-Aug-2010 Rev. A
Page 1 of 2
D4SB10 ~ D4SB100
Elektronische Bauelemente 100 V ~ 1000 V 6.0 Amp High Current Glass Passivated Molding Single-Phase Bridge Rectifier
CHARACTERISTIC CURVES
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
05-Aug-2010 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of D4SB80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X